Part Number Hot Search : 
IRF713 SC2544 DR251 78R03 QPA2237 MAX893 100PC MRF5711L
Product Description
Full Text Search
 

To Download 2SD2074 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD2074
Silicon NPN epitaxial planer type
For low-frequency output amplification For muting For DC-DC converter
Unit: mm
6.90.1
0.15
1.05 2.50.1 0.05
(1.45) 0.8
0.5 4.50.1
0.7
4.0
q q q
0.45-0.05
0.45-0.05
+0.1
+0.1
2.50.5
2.50.5 2 3
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
Ratings 25 20 12 1 0.5 1 150 -55 ~ +150
Unit V V V A A W C C
0.45+0.1 - 0.05 1.20.1 0.65 max.
Note: In addition to the lead type shown in the upper figure, the type as shown in the lower figure is also available.
1:Emitter 2:Collector 3:Base MT2 Type Package
Printed circuit board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion
2.50.1
s Absolute Maximum Ratings
(Ta=25C)
1
(HW type)
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance ON resistanse
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE1*1 hFE2 VCE(sat) VBE(sat) fT Cob Ron*3
*3R on
Conditions VCB = 25V, IE = 0 IC = 10A, IE = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCE = 2V, IC = 0.5A*2 VCE = 2V, IC = 1A*2 IC = 0.5A, IB = 20mA IC = 0.5A, IB = 50mA VCB = 10V, IE = -50mA, f = 200MHz VCB = 10V, IE = 0, f= 1MHz
min
typ
max 100
14.50.5
q
Low collector to emitter saturation voltage VCE(sat). Low ON resistance Ron. High foward current transfer ratio hFE. Allowing supply with the radial taping.
0.65 max.
1.0 1.0
s Features
0.2
Unit nA V V V
25 20 12 200 60 0.13 0.4 1.2 200 10 1.0 800
V V MHz pF
Measurement circuit
1k
*2
Pulse measurement
*1h
FE1
Rank classification
R 200 ~ 350 S 300 ~ 500 T 400 ~ 800
IB=1mA f=1kHz V=0.3V
Rank hFE1
VB
VV
VA
VB Ron= !1000() VA-VB
1
Transistor
PC -- Ta
1.2 1.2 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. IB=4.0mA 1.0 Ta=25C 3.5mA 3.0mA 0.8 2.5mA 2.0mA 0.6 1.5mA 0.4 1.0mA 0.5mA 0.2
2SD2074
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 Ta=75C 25C -25C
VCE(sat) -- IC
IC/IB=25
Collector power dissipation PC (W)
1.0
0.8
0.6
0.4
0.2
0 0 40 80 120 160 200
Collector current IC (A)
0 0 1 2 3 4 5 6
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100
hFE -- IC
IC/IB=10 1200 VCE=2V 400
fT -- I E
VCB=10V Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
1000
Transition frequency fT (MHz)
0.3 1 3 10
30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 Ta=-25C 75C
Forward current transfer ratio hFE
350 300 250 200 150 100 50
800 Ta=75C 600 25C -25C 400
25C
200
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0 -1
-3
-10
-30
-100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
24
Ron -- IB
IE=0 f=1MHz Ta=25C 1000 300 Ron measuring circuit IB=1mA
Collector output capacitance Cob (pF)
20
ON resistance Ron ()
100 30 10 3 1 0.3
VB
V
VA
16
f=1kHz V=0.3V
12
8
4
0 1 3 10 30 100
0.1 0.01 0.03
0.1
0.3
1
3
10
Collector to base voltage VCB (V)
Base current IB (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SD2074

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X